Part Number Hot Search : 
ES5108F 25C01 RC4194 SMCJ20 PC451C 00400 P2504 0505S
Product Description
Full Text Search
 

To Download DTA114-YCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dta114 ym/ye/yua/yca/ysa pnp digital transistor small signal diode 1.in 2.gnd 3.out package packing marking sot-723 8k / 7" reel 54 to-92s sot-523 3k / 7" reel 54 sot-323 3k / 7" reel 54 1.gnd sot-23 3k / 7" reel 54 2.out to-92s 3k / 7" reel 3.in ym ye ysa 100 150 300 mw v v o u tp u t current c notes:1. valid provided that electrodes are kept at ambient temperature symbol min typ max unit v i(off) -0.3 v i(on) -1.4 v o(on) -0.3 v i i -0.88 ma i o off) -0.5 a g i 68 r 1 71013 k ? r 2 /r 1 3.7 4.7 5.7 f t 250 mhz sot-723/sot-523 sot-323/sot-23 dta114 yca dta114 ysa v in pd type number v cc maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. units -50 supply voltage symbol 200 power dissipation value yua yca part no. dta114 ym dta114 ye dta114 yua -40 6 input voltage i o /i i =-5ma/-0.25ma condtion v cc =-5v,i o =-100a i o peakcollectocurrent input voltage -70 ma output voltage i c(max) -100 v o =-0.3v,i o =-1ma v junction and storage temperature range tj, t stg -55 to + 150 parameter v o =-10v,i o =-5ma,f=100mhz input resistance resistance ratio transition frequency ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. ? only the on/off conditions need to be set for operation,marking device design easy. ordering information output current dc current gain input current v i =-5v v cc =-50v,v i =0 v o =-5v,i o =-5ma ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor ? the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input.they also have the advantage of almost completel yeliminating parasitic effects. features 1 3 2 1 2 3 version:b12
dta114 ym/ye/yua/yca/ysa pnp digital transistor aa cc min max min max min max min max 2.80 3.00 0.11 0.12 1.90 2.10 0.07 0.08 1.20 1.40 0.05 0.06 1.15 1.35 0.05 0.05 0.30 0.50 0.01 0.02 0.25 0.35 0.01 0.01 1.80 2.00 0.07 0.08 1.20 1.40 0.05 0.06 2.25 2.55 0.09 0.10 2.00 2.20 0.08 0.09 0.90 1.20 0.04 0.04 0.80 1.00 0.03 0.04 aa cc min max min max min max min max 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.80 0.03 0.03 0.75 0.85 0.03 0.03 0.25 0.35 0.01 0.01 0.17 0.27 0.01 0.01 0.90 1.10 0.04 0.04 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.90 0.03 0.04 0.50 0.02 a e bg f c min max min max 3.85 4.15 0.15 0.16 3.01 3.31 0.12 0.13 15.10 15.50 0.59 0.61 0.38 0.55 0.01 0.02 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 0.36 0.51 0.01 0.02 e f g a b c d e f to-92s dimensions unit (mm) unit (inch) c d 0.8 typ 0.31typ unit (mm) unit (inch) a b d e f sot-723 unit (inch) a b c dimensions f sot-523 dimensions unit (mm) 0.550 ref 0.022 ref f g unit (inch) a b c unit (inch) a b c dimensions unit (mm) sot-323 d e sot-23 dimensions unit (mm) d e b d f e g b d f e b d f e b d f e version:b12


▲Up To Search▲   

 
Price & Availability of DTA114-YCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X